Part Number Hot Search : 
LM317L PZM22N 105K1 MS5F5 78DL08 LC75710N 1H106 SB113
Product Description
Full Text Search
 

To Download 2090-6204-00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Two-Way Isolated Power Dividers Tapered, Ultra Broadband
Features
q q q q q q q
2090 Series
V2.00
Octave, Multi-Octave and Decade Frequency Coverage Low Insertion Loss Excellent Amplitude and Phase Balance High Isolation Between Output Ports Low VSWR Power: 80 Watts Maximum Meets MIL-E-5400 and MIL-E-16400 Environments Figure 1
Note: All dimensions are .020 except mounting hole diameters (.005) and mounting hole location (.010).
Description
New designs include operation through 26 GHz and retain the performance of lower frequency units. These units are ideal for multioctave ECM systems, and function as either dividers or combiners to facilitate system performance.
Figure 2
Specifications
Frequency Range (GHz) 0.5-18.0 2.0-18.0 8.0-18.0 Insertion Loss dB (max.) 0.2 + .17f 0.2 + .07f 0.2 + .03f Output Unbalance Amp. Phase (dB) (deg.) 0.3 5 0.3 0.3 5 5 Max Input Power** (watts) 80 40 20 Size, Inches Weight (mm) 0z. A B Fig. g 9.40 11.02 1 8.0 (239) (291) 226 2.40 4.02 1 2.9 (61.1) (102) 83 -- -- 2 1.1 30
Part No. 2090-6204-00 2090-6205-00 2090-6210-00*
VSWR (max.) 1.35 (0.5 to 11) GHz 1.50 (11 to 18) GHz 1.35 (2 to 11) GHz 1.50 (11 to 18) GHz 1.50
Isolation dB (min.) 20 (0.5 to 3) GHz 23 (3 to 18) GHz 20 (2 to 3) GHz 23 (3 to 18) GHz 18
* To 18GHz ** Maximum input power with output loads of VSWR 2.01 derate to 10% of listed value when arbitrarily terminated. Note: f is frequency in GHz.


▲Up To Search▲   

 
Price & Availability of 2090-6204-00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X